Part Number Hot Search : 
2N6073B 54193 AD542KH 28F160 2SC4269 CXH16 CVA6627S KIA7924F
Product Description
Full Text Search
 

To Download HD74AC273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74AC273
Octal D-Type Flip-Flop
REJ03D0265-0200Z (Previous ADE-205-386 (Z)) Rev.2.00 Jul.16.2004
Description
The HD74AC273 has eight edge-triggered D-type flip-flops with individual D inputs and Q outputs. The common buffered Clock (CP) and Master Reset (MR) inputs load and reset (clear) all flip-flops simultaneously. The register is fully edge-triggered. The state of each D input, one setup time before the Low-to-High clock transition, is transferred to the corresponding flip-flops's Q output All outputs will be forced Low independently of Clock or Data inputs by a Low voltage level on the MR input. The device is useful for applications where the true output only is required and the Clock and Master Reset are common to all storage elements.
Features
* Ideal Buffer for MOS Microprocessor or Memory * Eight Edge-Triggered D Flip-Flops * Buffered Common Clock * Buffered, Asynchronous Master Reset * See HD74AC373 for Transparent Latch Version * See HD74AC374 for 3-State Version * Outputs Source/Sink 24 mA * Ordering Information
Part Name HD74AC273P HD74AC273FPEL HD74AC273RPEL Package Type DIP-20 pin SOP-20 pin (JEITA) Package Code Package Abbreviation Taping Abbreviation (Quantity) DP-20N FP-20DAV P FP RP -- EL (2,000 pcs/reel) EL (1,000 pcs/reel)
SOP-20 pin (JEDEC) FP-20DBV
Notes: 1. Please consult the sales office for the above package availability. 2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of the package code.
Rev.2.00, Jul.16.2004, page 1 of 7
HD74AC273
Pin Arrangement
MR 1 Q0 2 D0 3 D1 4 Q1 5 Q2 6 D2 7 D3 8 Q3 9 Gnd 10 (Top view) 20 VCC 19 Q7 18 D7 17 D6 16 Q6 15 Q5 14 D5 13 D4 12 Q4 11 CP
Logic Symbol
D0 D1 D2 D3 D4 D5 D6 D7 CP MR Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
Pin Names
D0 - D 7 MR CP Q0 - Q 7 Data Inputs Master Reset Clock Pulse Input Data Outputs
Rev.2.00, Jul.16.2004, page 2 of 7
HD74AC273
Logic Diagram
D0 CP D1 D2 D3 D4 D5 D6 D7
D CP RD MR
Q
D CP RD
Q
D CP RD
Q
D CP RD
Q
D CP RD
Q
D CP RD
Q
D CP RD
Q
D CP RD
Q
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Mode Select-Truth Table
Inputs Operating Mode Reset (Clear) Load "1" Load "0" H: L: X: : MR L H H X CP X H L Dn L H L Outputs Qn
High Voltage Level Low Voltage Level Immaterial Low-to-High Clock Transition
Absolute Maximum Ratings
Item Supply voltage DC input diode current DC input voltage DC output diode current DC output voltage DC output source or sink current DC VCC or ground current per output pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC, IGND Tstg Ratings -0.5 to 7 -20 20 -0.5 to Vcc+0.5 -50 50 -0.5 to Vcc+0.5 50 50 -65 to +150 Unit V mA mA V mA mA V mA mA C Condition VI = -0.5V VI = Vcc+0.5V VO = -0.5V VO = Vcc+0.5V
Recommended Operating Conditions
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 30% to 70% VCC Symbol VCC VI, VO Ta tr, tf Ratings 2 to 6 0 to VCC -40 to +85 8 V V C ns/V VCC = 3.0V VCC = 4.5 V VCC = 5.5 V Unit Condition
Rev.2.00, Jul.16.2004, page 3 of 7
HD74AC273
DC Characteristics
Item Symbol VIH Vcc (V) 3.0 4.5 5.5 VIL 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 VOL 5.5 3.0 4.5 5.5 3.0 4.5 Input leakage current Dynamic output current* Quiescent supply current IIN IOLD IOHD ICC 5.5 5.5 5.5 5.5 5.5 min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.58 3.94 4.94 -- -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 2.25 2.75 1.50 2.25 2.75 2.99 4.49 5.49 -- -- -- 0.002 0.001 0.001 -- -- -- -- -- -- -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.32 0.32 0.32 0.1 -- -- 8.0 Ta = -40 to +85C min. max. 2.1 -- 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.48 3.80 4.80 -- -- -- -- -- -- -- 86 -75 -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.37 0.37 0.37 1.0 -- -- 80 A mA mA A V VOUT = 0.1 V or VCC -0.1 V Unit Condition
Input Voltage
V
VOUT = 0.1 V or VCC -0.1 V
Output voltage
VOH
VIN = VIL or VIH IOUT = -50 A VIN = VIL or VIH IOH = -12 mA IOH = -24 mA IOH = -24 mA VIN = VIL or VIH IOUT = 50 A VIN = VIL or VIH IOL = 12 mA IOL = 24 mA IOL = 24 mA VIN = VCC or GND VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics
Ta = +25C CL = 50 pF Min Typ Max 90 140 1.0 1.0 1.0 1.0 1.0 1.0 125 175 7.0 5.5 7.0 5.0 7.0 5.0 -- -- 12.5 9.0 13.0 10.0 13.0 10.0 Ta = -40C to +85C CL = 50 pF Min Max 75 125 1.0 1.0 1.0 1.0 1.0 1.0 -- -- 14.0 10.0 14.5 11.0 14.0 10.5 MHz ns ns ns
Item Maximum clock frequency Propagation delay Clock to output Propagation delay Clock to output Propagation delay MR to output Note:
Symbol fmax tPLH tPHL tPHL
VCC (V)*1 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
Unit
1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V
Rev.2.00, Jul.16.2004, page 4 of 7
HD74AC273
AC Operating Requirements
Ta = +25C CL = 50 pF Item Setup time, HIGH or LOW Data to CP Hold time, HIGH or LOW Data to CP Clock pulse width HIGH or LOW MR Pulse width HIGH or LOW Recovery time MR to CP Note: Symbol VCC (V)*1 Typ tsu 3.3 3.5 th tw tw trec 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 2.5 -2.0 -1.0 3.5 2.5 2.0 1.5 1.5 1.0 Ta = -40C to +85C CL = 50 pF Unit ns ns ns ns ns
Guaranteed Minimum 5.5 6.0 4.0 0.0 1.0 5.5 4.0 5.5 4.0 3.5 2.0 4.5 0.0 1.0 6.0 4.5 6.0 4.5 4.5 3.0
1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V
Capacitance
Item Input capacitance Power dissipation capacitance Symbol CIN CPD 4.5 50.0 Typ pF pF Unit VCC = 5.5 V VCC = 5.0 V Condition
Rev.2.00, Jul.16.2004, page 5 of 7
HD74AC273
Package Dimensions
As of January, 2003
Unit: mm
24.50 25.40 Max 20 11
7.00 Max 6.30
1 0.89
1.27 Max
10 1.30
2.54 Min 5.08 Max
7.62
0.51 Min
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.11
Package Code JEDEC JEITA Mass (reference value)
DP-20N -- Conforms 1.26 g
Unit: mm
24.50 25.40 Max 20 11
1 0.89
1.27 Max
10 1.30 7.62
7.00 Max 2.54 Min 5.08 Max
0.51 Min
6.30
2.54 0.25
*0.48 0.08
*0.25 0.06 0 - 15
*NI/Pd/AU Plating
Package Code JEDEC JEITA Mass (reference value)
DP-20NEV -- Conforms 1.26 g
Rev.2.00, Jul.16.2004, page 6 of 7
HD74AC273
As of January, 2003
12.6 13 Max
20
Unit: mm
11
1
10
5.5
0.80 Max
2.20 Max
*0.20 0.05
0.20 7.80 + 0.30 -
1.15
1.27
*0.40 0.06
0.10 0.10
0 - 8
0.70 0.20
0.15
0.12 M
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
FP-20DAV -- Conforms 0.31 g
As of January, 2003
12.8 13.2 Max 20 11
7.50
Unit: mm
2.65 Max
1 0.935 Max
10
*0.25 0.05
0.25 10.40 + 0.40 -
1.45
0.20 0.10
0 - 8
0.57 0.70 + 0.30 -
1.27
*0.40 0.06
0.15 0.12 M
*Ni/Pd/Au plating Package Code JEDEC JEITA Mass (reference value) FP-20DBV Conforms -- 0.52 g
Rev.2.00, Jul.16.2004, page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD74AC273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X